Part Number Hot Search : 
150B1 OP284FSZ AK4388ET AD5684R 6152A30 M51955A TDA3803A STP4NB30
Product Description
Full Text Search
 

To Download 108284018002030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  8 single row idc header series 8284 idc header/socket for 0.100" (2.54mm) pitch idc for 0.100" (2.54mm) round conductor flat cable uses similar 8289/8290 contact components recognized under ul & csa specifications, but housed in a single row insulator format. the header is a 1-piece insulator with right angle, straight solder or press-fit terminations. the socket is a 2-piece insulator design with idc contacts suitable for termination to 26/28 awg stranded ribbon cable or dip solder terminations. material: molding - ul94vo rated grey polyester contact - brass current rating: 1.5 amp maximum at 25oc 1 amp maximum at 70oc insulation resistance: 1000 megohms dielectric withstanding voltage: 1050v dc or ac peak voltage rating: 350v dc or ac peak contact resistance: 20 milliohms maximum operating temperature: -55oc to +125oc mechanical endurance: standard tin plating - 10 cycles insertion/withdrawal forces: 2.7n max insertion force per contact 0.2n min withdrawal force per contact 10 connector code prefix 10 = header connector 8284 series number 014 number of contacts 008 = 8 position 014 = 14 position 016 = 16 position 018 = 18 position 020 = 20 position 024 = 24 position 000 contact variation 000 = 0.110" (2.8mm) straight pc tail 001 = 0.146" (3.7mm) straight pc tail 002 = 0.110" (2.8mm) r.a. pc tail 003 = 0.146" (3.7mm) r.a. pc tail 009 = 0.209" (4.5mm) straight pf tail 030 plating variation 030 = tin plating, 10 cycles 040 = gold plating, 50 cycles ordering code dimensions: millimeters (inches) no. of positions ab c d e f g 8 7 17.78 (0.70) 21.30 (0.84) 18.54 (0.73) 19.30 (0.76) 23.70 (0.93) 17.54 (0.69) 14 13 33.02 (1.30) 36.54 (1.44) 33.78 (1.33) 34.54 (1.36) 38.94 (1.53) 32.78 (1.29) 16 15 38.10 (1.50) 42.22 (1.66) 38.86 (1.53) 39.62 (1.56) 44.02 (1.73) 37.86 (1.49) 18 17 43.18 (1.70) 46.70 (1.84) 43.94 (1.73) 44.70 (1.76) 49.10 (1.93) 42.94 (1.69) 20 19 48.26 (1.90) 52.38 (2.06) 49.02 (1.93) 49.78 (1.96) 54.18 (2.13) 48.02 (1.89) 24 23 58.42 (2.30) 61.94 (2.44) 59.18 (2.33) 59.94 (2.36) 64.34 (2.53) 58.18 (2.29) header technical specification not all versions are available, please check with avx customer service for availability.


▲Up To Search▲   

 
Price & Availability of 108284018002030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X